Part Number Hot Search : 
100GCP 8DW3R MM1Z5V1B DS1863 2SB1197 52000 74HCT405 A106K01
Product Description
Full Text Search
 

To Download 2SC4517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4517/4517A
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sAbsolute maximum ratings
(Ta=25C) Unit V V V A A W C C
Application : Switching Regulator and General Purpose
(Ta=25C)
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=800V VEB=7V IC=10mA VCE=4V, IC=1A IC=1A, IB=0.2A IC=1A, IB=0.2A VCE=12V, IE=-0.25A VCB=10V, f=1MHz
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Symbol 2SC4517 2SC4517A VCBO VCEO VEBO IC IB PC Tj Tstg 900 550 7 3(Pulse6) 1.5 30(Tc=25C) 150 -55 to +150 1000
2SC4517 2SC4517A 100max 100max 550min 10 to 30 0.5max 1.2max 6typ 35typ
Unit
A
V V
13.0min 16.90.3 8.40.2
A
V MHz pF
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 250 RL () 250 IC (A) 1 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.15 IB2 (A) -0.45 ton (s) 0.7max tstg (s) 4max tf (s) 0.5max
2.54
3.9 BCE
0.2
IC - VCE Characteristics (Typical)
3
40 0m A
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) Base-Emitter Saturation Voltage V B E (s at)( V ) 1.5 IC/I B= 5 Const.
I C - VBE Temperature Characteristics (Typical)
3 (VCE=4V)
300mA
200 mA
Collector Current I C (A)
150 mA
2
100m A
Collector Current I C (A)
1.0 VBE(sat)
2
1
IB=40m A
0.5
1
V C E( sat) 0 0.03 0.05 0.1 0.5 1 5 0 0 0.2 0.4 0.6 0.8 1.0
0
0
1
2
3
4
Collector-Emitter Voltage V C E( V)
Collector Current I C (A)
Base-Emittor Voltage V B E( V)
(VCE=4V) 50 DC C urrent G ain h FE 125C 25C
j - a( C/W)
hFE - IC Temperature Characteristics (Typical)
ton*t s t g*t f ( s)
7 5
t on* t stg * t f - I C Characteristics (Typical)
j-a - t Characteristics
4
V C C 250V IC:I B 1: I B2= 1:0.15:-0.45 1 0.5 ton 0.1 0.2 tf
-55C
Transient Thermal Resistance
tstg
Sw it ching Time
1
10
0.5 0.3
5 0.02
0.05
0.1
0.5
1
3
0.5
1
3
1
10 Time t(ms)
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
100
1000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
10
50
Reverse Bias Safe Operating Area
10 30
P c - T a Derating
5
s
Ma xim um Powe r Dissipat io n P C( W)
10
s
5
0
W ith
Collector Curr ent I C (A)
1 0.5
Co lle ctor Cu rre nt I C (A)
1 0.5
20
In fin ite he at si nk
0.1 0.05 Without Heatsink Natural Cooling
0.1 0.05
Without Heatsink Natural Cooling L=3mH IB2=-1.0A Duty:less than 1% 2SC4517
10
2SC4517A 1000
Without Heatsink 2 0 0 25 50 75 100 125 150
0.01 2
5
10
50
100
500 1000
0.01 50
100
500
Collector-Emitter Voltage V C E( V)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
112


▲Up To Search▲   

 
Price & Availability of 2SC4517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X